PART |
Description |
Maker |
MAX301 MAX301CJE MAX301CPE MAX301CSE MAX301EJE MAX |
Precision, Dual, High-Speed Analog Switches DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP16 Precision, Dual, High-Speed Analog Switches 精密,双路,高速模拟开 Precision / Dual / High-Speed Analog Switches 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters Precision Dual High-Speed Analog Switches
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
OP-260ARC/883 OP-260 OP260 OP-260GS OP-260GP OP-26 |
AC 9C 6#12 3#8 SKT RECP WALL DUAL OP-AMP, 6000 uV OFFSET-MAX, 90 MHz BAND WIDTH, CQCC20 Dual High Speed,Current Feedback, OP AMP(高电流反馈双运算放大器) DUAL / HIGH-SPEED / CURRENT FEEDBACK / OPERATIONAL AMPLIFIER DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
|
Analog Devices, Inc.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
SMBJ5.0A SMBJ51A SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Static Shift Register 16-CDIP -55 to 125 CMOS Dual 4-Bit Latch 24-SO -55 to 125 High Speed CMOS Logic Octal D-Type Positive-Edge Triggered Inverting Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 CMOS Dual BCD Up-Counter 16-SOIC -55 to 125 High Speed CMOS Logic 10-to-4 Line Priority Encoder 16-CDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 Replaced by VSP2560 : 10-bit, 21 MSPS 1-Channel AFE for CCD Sensors 48-TQFP Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors 硅雪崩二极管- 600W表面贴装瞬态电压抑制器 CMOS Dual Monostable Multivibrator 16-TSSOP -55 to 125 硅雪崩二极管- 600W表面贴装瞬态电压抑制器
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
MAX4426 MAX4426C_D MAX4426CPA MAX4426CSA MAX4426EP |
3.3 V Full-Duplex RS 485 Drivers and Receivers 8-SOIC 1.5 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDIP8 Dual High-Speed 1.5A MOSFET Drivers Dual high-speed, 1.5A MOSFET driver. 4.5V t0 18V operation range.
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] http://
|
ISL5629 ISL5629/2IN |
Dual 8-bit, 3.3V, 130/210 MSPS, CommLink™ High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP DUAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQFP48 D/A Converter, Dual, 8 Bit, 130/210MSPS, High Speed, 3.3V
|
Intersil, Corp.
|
IDT70V24L IDT70V24L15PFG IDT70V25TS15JGI IDT70V25T |
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM True Dual-Ported memory cells which allow simultaneous reads of the same memory location 8K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 4K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 3.3V STATIC RAM
|
Integrated Device Technology List of Unclassifed Manufacturers INTEGRATED DEVICE TECHNOLOGY INC List of Unclassifed Man... Integrated Device Techn...
|
HCPL0500 HCPL0501 HCPL0530 HCPL0531 HCPL0534 HCPL0 |
Single channel high speed transistor optocoupler. HIGH SPEED TRANSISTOR OPTOCOUPLERS 8-Pin SOIC Single-Channel High Speed Transistor 8-PIN, Output Optocoupler - No Base Connection 8-Pin SOIC Single-Channel High Speed Transistor Output Optocoupler SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 1kV/us SO8, 1MBIT/S HI SPEED DUAL CHANNEL TRANSISTOR - 15kV/us 8-Pin SOIC 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|